전자부품 데이터시트 검색엔진 |
|
KIA78R35F 데이터시트(PDF) 2 Page - KEC(Korea Electronics) |
|
KIA78R35F 데이터시트(HTML) 2 Page - KEC(Korea Electronics) |
2 / 5 page 2001. 5. 31 2/5 KIA78R25F~KIA78R37F Revision No : 1 OVER HEAT PROTECTION CONTROL OUTPUT ON/OFF ASO PROTECTION BANDGAP REFERENCE - + 1 2 3 5 Vo VIN Control GND ELECTRICAL CHARACTERISTICS (Unless otherwise specified, IO=0.5A, Ta=25 , Note1.) CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Output Voltage KIA78R25 VO - 2.438 2.50 2.562 V KIA78R30 - 2.925 3.00 3.075 KIA78R33 - 3.220 3.30 3.380 KIA78R35 - 3.413 3.50 3.587 KIA78R37 - 3.608 3.70 3.792 Load Regulation Reg Load IO=5mA 1A - 0.1 2.0 % Line Regulation Reg Line (Note 2) - 0.5 2.5 % Temperature Coefficient of Output Voltage TCVO Tj=0 125 - 0.02 0.05 %/ Ripple Rejection R R - 45 55 - dB Drop Out Voltage VD IO=1A - - 0.5 V Output ON state for control Voltage VC(ON) - 2.0 - - V Output ON state for control Current IC(ON) VC=2.7V - - 20 A Output OFF state for control Voltage VC(OFF) - - - 0.8 V Output OFF state for control Current IC(OFF) VC=0.4V - - -0.4 mA Quiescent Current IQ IO=0 - - 10 mA Note1) VIN of KIA78R25=4.2V Note2) VIN of KIA78R25=3.2 10V Note3) At VIN=0.95VO " KIA78R30=4.7V " KIA78R30=3.7 10V " KIA78R33=5.0V " KIA78R33=4.0 10V " KIA78R35=5.2V " KIA78R35=4.2 10V " KIA78R37=5.4V " KIA78R37=4.4 10V BLOCK DIAGRAM |
유사한 부품 번호 - KIA78R35F |
|
유사한 설명 - KIA78R35F |