전자부품 데이터시트 검색엔진 |
|
KIA78S18P 데이터시트(PDF) 8 Page - KEC(Korea Electronics) |
|
KIA78S18P 데이터시트(HTML) 8 Page - KEC(Korea Electronics) |
8 / 16 page 2011. 4. 5 8/15 KIA78S05P~KIA78S24P Revision No : 3 ELECTRICAL CHARACTERISTICS KIA78S15P (Unless otherwise specified, VIN=23V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≦Tj≦125℃) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT 1 Tj=25℃ 14.4 15 15.6 V Input Regulation Reg line 1 Tj=25℃ 17.5V ≦VIN≦30V - 130 300 mV 20V ≦VIN≦30V - 110 250 Load Regulation Reg load 1 Tj=25℃ 1.0mA ≦IOUT≦100mA - 25 150 mV 1.0mA ≦IOUT≦40mA - 12 75 Output Voltage VOUT 1 17.5V ≦VIN≦30V 1.0mA ≦IOUT≦40mA 14.25 - 15.75 V VIN=23V, 1.0mA≦IOUT≦70mA 14.25 - 15.75 Quiescent Current IB 1 Tj=25℃ - 3.3 6.5 mA Tj=125℃ - - 6.0 Quiescent Current Change ΔIB 1 20V ≦VIN≦30V - - 1.5 mA 1.0mA ≦IOUT≦40mA - - 0.1 Output Noise Voltage VNO 1 Ta=25 ℃, 10Hz≦f≦100kHz - 90 - μVrms Long Term Stability ΔVOUT/Δt 1 - 30 - mV/ 1.0kHrs Ripple Rejection Ratio RR 2 f=120Hz, 18.5V ≦VIN≦28.5V, Tj=25℃ 34 40 - dB Dropout Voltage |VIN-VOUT| 1 Tj=25℃ - 1.7 - V Average Temperature Coefficient of Output Voltage TCVO 1 IOUT=5mA - -1.3 - mV/ ℃ |
유사한 부품 번호 - KIA78S18P |
|
유사한 설명 - KIA78S18P |