전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT3906 데이터시트(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 PZT3906
상세설명  PNP TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

PZT3906 데이터시트(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  PZT3906_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
PZT3906 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
1
W (Tamb=25
℃)
Collector current
ICM:
-0.2
A
Collector-base voltage
V(BR)CBO:
-40
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-10µA,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-1mA,IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.05
µA
Emitter cut-off current
ICEO
VCE=-30V,IB=0
-0.5
µA
hFE(1)
VCE=-1V,IC=-0.1mA
60
hFE(2)
VCE=-1V,IC=-1mA
80
hFE(3)
VCE=-1V,IC=-10mA
100
300
hFE(4)
VCE=-1V,IC=-50mA
60
DC current gain
hFE(5)
VCE=-1V,IC=-100mA
30
VCE(sat)
IC=-10mA,IB=-1mA
-0.25
V
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA,IB=-5mA
-0.4
V
VBE(sat)
IC=-10mA,IB=-1mA
-0.65
-0.85
V
Base-emitter saturation voltage
VBE(sat)
IC=-50mA,IB=-5mA
-0.95
V
Transition frequency
fT
VCE=-20V,IC=-10mA,f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=-0.5V,IE=0,f=100KHz
4.5
pF
Noise figure
NF
VCE=-5V,Ic=-0.1mA,
f=10HZ to15.7KHz,Rg=1K
4
dB
Delay Time
td
35
nS
Rise Time
tr
VCC=-3.0Vdc,VBE=-0.5Vdc
IC=-10mAdc,IB1=-1.0mAdc
35
nS
Storage Time
ts
225
nS
Fall Time
tf
VCC=-3.0Vdc,IC=-10mAdc
IB1=IB2=-1.0mAdc
75
nS
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
PZT3906
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - PZT3906_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
PZT3906 KEXIN-PZT3906_15 Datasheet
819Kb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
PZT3906 SECOS-PZT3906_15 Datasheet
223Kb / 2P
   Silicon Planar Medium Power Transistor
More results

유사한 설명 - PZT3906_15

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com