전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103B 데이터시트(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 SD103B
상세설명  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SD103B 데이터시트(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SD103B Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD103B Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD103B Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD103B Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Figure 3. Typical non repetitive forward surge
current vs. pulse width
Figure 4. Typical variation of reverse current
at various temperatures
Figure 5. Blocking voltage duration vs. temperature
at various average forward current
Figure 6. Typical capacitance vs. reverse voltage
Reverse voltage: VR
tp
Tamb
Reverse voltage: VR
SD103A-SD103C
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - SD103B

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SD103B SEMTECH-SD103B Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
logo
Vishay Siliconix
SD103B VISHAY-SD103B Datasheet
109Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 28-Feb-07
logo
SUNMATE electronic Co.,...
SD103B SUNMATE-SD103B Datasheet
165Kb / 2P
   2.0A Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103B DIODES-SD103B Datasheet
66Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
SeCoS Halbleitertechnol...
SD103B SECOS-SD103B Datasheet
364Kb / 2P
   0.35AMP Schottky Barrier Rectifiers
More results

유사한 설명 - SD103B

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com