전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103C 데이터시트(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 SD103C
상세설명  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SD103C 데이터시트(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SD103C Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD103C Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD103C Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD103C Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
IF=20mA
VF
0.37
V
Forward voltage
IF=200mA
VF
0.6
V
VR=30V
SD103A
IR
5
μA
VR=20V
SD103B
IR
5
μA
Reverse current
VR=10V
SD103C
IR
5
μA
Diode capacitance
VR=VF=0, f=1MHz
CD
50
pF
Reverse recovery time
IF= IR=200mA to 0.1mA IR
trr
10
ns
Characteristics (Tj=25℃ unless otherwise specified)
Forward voltage: VF(V)
Forward voltage: VF(V)
Figure 1. Typical variation of forward current vs.
forward voltage for primary conduction
through the schottky barrier
Figure 2. Typical high current forward conduction
curve tp=300ms, duty cycle=2%
SD103A-SD103C
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - SD103C

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
logo
GOOD-ARK Electronics
SD103C GOOD-ARK-SD103C Datasheet
135Kb / 3P
   Small-Signal Diode
logo
Vishay Siliconix
SD103C VISHAY-SD103C Datasheet
105Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.6, 23-Jul-10
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
Vishay Siliconix
SD103C VISHAY-SD103C Datasheet
109Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 28-Feb-07
More results

유사한 설명 - SD103C

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com