전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4936G 데이터시트(PDF) 2 Page - Compact Technology Corp.

부품명 1N4936G
상세설명  FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTC [Compact Technology Corp.]
홈페이지  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N4936G 데이터시트(HTML) 2 Page - Compact Technology Corp.

  1N4936G Datasheet HTML 1Page - Compact Technology Corp. 1N4936G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 1 )
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
RATINGS AND CHARACTERISTIC CURVES
FIG . 2 - MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG .
-REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
1
0
25
50
75
100
125
150
175
1.0
0.8
.6
.4
.2
0
FIG . 5 - TYPICAL FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2 1.4
1.6
1.8
2.0
20
10
3.0
1.0
0.3
0.1
.03
.01
O
AMBIENT TEMPERATURE . ( C )
FORWARD VOLTAGE . ( V )
FIG . 3 - MAXIMUM NON- REPETITIVE PEAK FORWARD
SURGE CRRENT
FIG . 6 - TYPICAL REVERSE CHARACTERISTICS
1
2
4
6 8 10
20
40 6 0 80 100
30
20
10
0
1.0 CYCLE
NUMBER OF CYCLES AT 60Hz
100
10
1.0
.10
20
10
1
1
f = MHz
Vsig = 50mVp -p
REVERSE VOLTAGE . ( V)
PERCENT OF RATED PEAK REVERSE VOLTAGE . (% )
O
TA =100 C
O
TA = 25 C
8.3ms Single Half Sine
Wave JEDEC Method
O
TA=25 C
Pulse Width=300
s
1% Duty Cycle
O
Tj=25 C
FIG . 4 - TYPICAL HUNCTION CAPACITANCE
1N4933G thru 1N4937G
CTC0129
Ver. 2.0
2 of 2
1N4933G thru 1N4937G


유사한 부품 번호 - 1N4936G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4936G TSC-1N4936G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Rectron Semiconductor
1N4936G RECTRON-1N4936G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
1N4936G WTE-1N4936G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
HY ELECTRONIC CORP.
1N4936G HY-1N4936G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Shanghai Shunye Electro...
1N4936G SY-1N4936G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

유사한 설명 - 1N4936G

제조업체부품명데이터시트상세설명
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com