전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC7WZ05FK 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KIC7WZ05FK
상세설명  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ05FK 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KIC7WZ05FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ05FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ05FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 3. 7
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIC7WZ05FK
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 1
TRIPLE INVERTER (OPEN DRAIN)
FEATURES
High output drive :
24mA(min.) @VCC=3V.
Super high speed operation : tpd 2.3ns(typ.) @VCC=5V, 50pF.
Operation voltage range : VCC(opr)=1.65~5.5V.
Latch-up performance :
500mA or more
ESD performance :
200V or more (EIAJ)
2000V or more (MIL)
Power down protection is provided on all inputs and outputs.
DIM MILLIMETERS
A
B
D
E
US8
2.0 0.1
3.1 0.1
2.3 0.1
0.5
0.2+0.05/-0.04
0.7 0.1
0.12 0.04
0 ~ 0.1
C
F
G
H
C
B
G
H
1
45
8
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25
)
MARKING
Lot No.
Z05
Type Name
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
-0.5~6
V
DC Input Voltage
VIN
-0.5~6
V
DC Output Voltage
VOUT
-0.5~6
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
-20
mA
DC Output Current
IOUT
50
mA
DC VCC/ground Current
ICC
50
mA
Power Dissipation
PD
200
mW
Storage Temperature Range
Tstg
-65
150
Lead Temperature (10s)
TL
260
PIN CONNECTION(TOP VIEW)
1
2
3
4
1Y
3A
2Y
8
7
6
5
VCC
1A
3Y
2A
GND


유사한 부품 번호 - KIC7WZ05FK

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results

유사한 설명 - KIC7WZ05FK

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH34FU TOSHIBA-TC7WH34FU_07 Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com