전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1200 데이터시트(PDF) 1 Page - Compact Technology Corp.

부품명 SB1200
상세설명  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTC [Compact Technology Corp.]
홈페이지  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SB1200 데이터시트(HTML) 1 Page - Compact Technology Corp.

  SB1200 Datasheet HTML 1Page - Compact Technology Corp. SB1200 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB120 thru SB1200
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.318 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to 200 Volts
FORWARD CURRENT - 1.0 Amperes
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
DO-41
A
C
D
A
B
Epitaxial construction
CTC0074 Ver. 2.0
1 of 2
SB120 thru SB1200
PARAMETER
SYMBOL
SB
120
SB
130
SB
14 0
SB
150
SB
160
SB
180
SB
1100
SB
1150
SB
1200
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRM S
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified current
IF
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum Instantaneous Forward Voltage @ 1.0A
VF
0.87
0.90
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=100°C
Typical Junction Capacitance
CJ
pF
Typical Thermal Resistance
R JA
°C/W
Operating Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
1.0
IFSM
30.0
2.0
10.0
A
0.50
0.85
IR
0.5
0.2
mA
-55 to +150
0.70
70
70
50
40
30
-55 to +125


유사한 부품 번호 - SB1200

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
SB1200 CTC-SB1200 Datasheet
51Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB1200 DGNJDZ-SB1200 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB1200 SIRECT-SB1200 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
logo
Nanjing International G...
SB1200 DGNJDZ-SB1200 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
SB1200 SMC-SB1200 Datasheet
155Kb / 5P
   SCHOTTKY RECTIFIER
More results

유사한 설명 - SB1200

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com