전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRC872E 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KRC872E
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC872E 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KRC872E Datasheet HTML 1Page - KEC(Korea Electronics) KRC872E Datasheet HTML 2Page - KEC(Korea Electronics) KRC872E Datasheet HTML 3Page - KEC(Korea Electronics) KRC872E Datasheet HTML 4Page - KEC(Korea Electronics) KRC872E Datasheet HTML 5Page - KEC(Korea Electronics) KRC872E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002. 7. 10
2/6
KRC866E~KRC872E
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC866E~872E
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC866E
GI
VO=5V, IO=5mA
33
-
-
KRC867E
VO=5V, IO=20mA
20
-
-
KRC868E
VO=5V, IO=10mA
33
-
-
KRC869E
VO=5V, IO=10mA
30
-
-
KRC870E
VO=5V, IO=10mA
24
-
-
KRC871E
VO=5V, IO=5mA
33
-
-
KRC872E
VO=5V, IO=5mA
62
-
-
Output Voltage
KRC866E
VO(ON)
IO=10mA, II=0.5mA
-
-
0.3
V
KRC867E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC868E
IO=10mA, II=0.5mA
-
-
0.3
KRC869E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC870E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC871E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC872E
IO=5mA, II=0.25mA
-
0.1
0.3
Input Voltage (ON)
KRC866E
VI(ON)
VO=0.3V, IO=20mA
-
0.98
3
V
KRC867E
VO=0.3V, IO=20mA
-
1.83
3
KRC868E
VO=0.3V, IO=20mA
-
1.22
3
KRC869E
VO=0.3V, IO=20mA
-
1.76
2.5
KRC870E
VO=0.3V, IO=2mA
-
2
3
KRC871E
VO=0.3V, IO=2mA
-
3.9
5
KRC872E
VO=0.3V, IO=1mA
-
1.64
3
Input Voltage (OFF)
KRC866E
VI(OFF)
VCC=5V, IO=100 A
0.3
0.63
-
V
KRC867E
0.5
1.15
-
KRC868E
0.3
0.67
-
KRC869E
0.3
0.82
-
KRC870E
0.8
1.68
-
KRC871E
1
3.09
-
KRC872E
0.5
1.17
-
Transition Frequency
KRC866E~872E
fT*
VO=10V, IO=5mA
-
250
-
MHz
Input Current
KRC866E
II
VI=5V
-
-
7.2
mA
KRC867E
-
-
3.8
KRC868E
-
-
3.8
KRC869E
-
-
1.8
KRC870E
-
-
0.88
KRC871E
-
-
0.16
KRC872E
-
-
0.15
Note : * Characteristic of Transistor Only.


유사한 부품 번호 - KRC872E

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRC872U KEC-KRC872U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

유사한 설명 - KRC872E

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com