전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDTDG12GPLT1G 데이터시트(PDF) 2 Page - Leshan Radio Company

부품명 LDTDG12GPLT1G
상세설명  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTDG12GPLT1G 데이터시트(HTML) 2 Page - Leshan Radio Company

  LDTDG12GPLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTDG12GPLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTDG12GPLT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
2/3
Electrical characteristic curves
LDTDG12GPLT1G
1
2
5
100m 200m 500m
10
20
50
100
10
5
2
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
ICP
P
W
=100ms
DC
P
W
=10ms
Fig.1
Safe operating area
14
W
×18l×0.8t(Unit : mm)
When mounted on glass epoxy
∗Single pulse
10m 20m 50m 100m200m500m
1
2
5
10
10k
5k
2k
1k
500
200
100
50
20
10
Ta
=25°C
COLLECTOR CURRENT : IC (A)
Fig.2
DC current gain vs. collector
current
VCE
=5V
2V
1V
Ta
=25°C
10m
10
5
2
1
500m
200m
100m
50m
20m
10m
20m
50m 100m 200m 500m 1
10
25
COLLECTOR CURRENT : IC (
A)
Fig.3
Collector-emitter saturation
voltage vs. collector current
50
IC/IB
=200
100


유사한 부품 번호 - LDTDG12GPLT1G_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LDTD113ELT1G LRC-LDTD113ELT1G Datasheet
378Kb / 3P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD113ELT1G LRC-LDTD113ELT1G_15 Datasheet
378Kb / 3P
   Bias Resistor Transistor
LDTD113ELT3G LRC-LDTD113ELT3G Datasheet
378Kb / 3P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD113ZLT1G LRC-LDTD113ZLT1G Datasheet
393Kb / 3P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
First Silicon Co., Ltd
LDTD113ZLT1G FS-LDTD113ZLT1G Datasheet
200Kb / 3P
   Digital transistors (built-in resistors)
More results

유사한 설명 - LDTDG12GPLT1G_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com