전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRX203U 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KRX203U
상세설명  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX203U 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KRX203U Datasheet HTML 1Page - KEC(Korea Electronics) KRX203U Datasheet HTML 2Page - KEC(Korea Electronics) KRX203U Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 1. 24
3/3
KRX203U
Revision No : 3
I
- V
0.1
100
0.3
O
I(ON)
I
- V
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
Q
O
V =0.2V
I(ON)
INPUT ON VOLTAGE V
(V)
I
- V
O
I(OFF)
I(OFF)
INPUT ON VOLTAGE V
(V)
I
- V
O
I(OFF)
I(OFF)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
Ta=25 C
Ta=-25 C
30
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
10k
G - I
O
OUTPUT CURRENT I
(mA)
13
10
IO
G - I
O
OUTPUT CURRENT I
(mA)
IO
30
100
10
30
50
100
500
300
-0.1
-0.3
-1
-3
-0.3
-10
-30
-100
-0.5
-1
-3
-5
-10
-30
-50
-100
-3
-1
10
30
50
-10
-30
100
-100
300
500
-50
-30
-100
-1k
-300
-500
-3k
-10k
-5k
-1.8
-2.0
-0.8
-1.0
-1.2
-1.4
-1.6
1
Q1
Q 1
Q 2
2
Q
2
Q
O
V =-5V
V =-0.2V
O
V =5V
O
V =-5V
O
V =5V
O
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C


유사한 부품 번호 - KRX203U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRX203E KEC-KRX203E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

유사한 설명 - KRX203U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRX102E KEC-KRX102E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105E KEC-KRX105E Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202E KEC-KRX202E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105U KEC-KRX105U Datasheet
438Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205E KEC-KRX205E Datasheet
81Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX104E KEC-KRX104E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com