전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDTC114EM3T5G 데이터시트(PDF) 9 Page - Leshan Radio Company

부품명 LDTC114EM3T5G
상세설명  Bias Resistor Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTC114EM3T5G 데이터시트(HTML) 9 Page - Leshan Radio Company

Back Button LDTC114EM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 6Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 7Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 8Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 9Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 10Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 11Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 12Page - Leshan Radio Company LDTC114EM3T5G_15 Datasheet HTML 13Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL ELECTRICAL CHARACTERISTICS − LDTC143ZM3T5G
75
°C
TA = –25°C
Figure 27. VCE(sat) vs. IC
25
°C
IC/IB = 10
12
1
0.1
0.001
17
7
222
IC, COLLECTOR CURRENT (mA)
0.01
27
32
Figure 28. DC Current Gain
VCE = 10 V
1
1000
100
10
1
10
IC, COLLECTOR CURRENT (mA)
TA = –25°C
100
75
°C
25
°C
Figure 29. Output Capacitance
f = 1 MHz
IE = 0 A
TA = 25°C
0
0.5
3
20
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
10
60
50
40
30
3.5
4
1.5
2.5
Figure 30. Output Current vs. Input Voltage
0
100
10
28
1
0.1
0.01
46
Vin, INPUT VOLTAGE (VOLTS)
VO = 5 V
TA = –25°C
75
°C
25
°C
Figure 31. Input Voltage vs. Output Current
VO = 0.2 V
0
10
12
18
30
1
0.1
IC, COLLECTOR CURRENT (mA)
TA = –25°C
624
75
°C
25
°C
Rev.O 9/14
;S-S-LDTC114EM3T5G
S-LDTC114EM3T5G
Series


유사한 부품 번호 - LDTC114EM3T5G_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LDTC114EM3T5G LRC-LDTC114EM3T5G Datasheet
180Kb / 10P
   Bias Resistor Transistors
logo
Shanghai Leiditech Elec...
LDTC114EM3T5G LEIDITECH-LDTC114EM3T5G Datasheet
1Mb / 14P
   Bias Resistor Transistors
More results

유사한 설명 - LDTC114EM3T5G_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com