전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1620RG 데이터시트(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

부품명 U1620RG
상세설명  16 Ampere Surface Mount Common Anode Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U1620RG 데이터시트(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U1620RG Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U1620RG Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
16
8
6
4
10
13
0.1
8
80
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
U1640RG
U1620RG
U1660RG
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05
®
U1620RG thru U1660RG


유사한 부품 번호 - U1620RG

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
U1620RG THINKISEMI-U1620RG Datasheet
758Kb / 2P
   16.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
U1620RG THINKISEMI-U1620RG_18 Datasheet
758Kb / 2P
   16.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
More results

유사한 설명 - U1620RG

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
MURB1620CTR THINKISEMI-MURB1620CTR Datasheet
290Kb / 2P
   16.0 Ampere Surface Mount Common Anode Ultra Fast Recovery Rectifier
U1620G THINKISEMI-U1620G Datasheet
262Kb / 2P
   16 Ampere Surface Mount Common Cathode Ultra Fast Recovery Rectifier
MURB1620CTRG THINKISEMI-MURB1620CTRG Datasheet
737Kb / 2P
   16.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifier Diodes
UFF160-02AT THINKISEMI-UFF160-02AT Datasheet
269Kb / 2P
   16 Ampere Dual Common Anode Ultra Fast Recovery Half Bridge Rectifier
U12C20A THINKISEMI-U12C20A Datasheet
622Kb / 2P
   12 Ampere Common Anode Ultra Fast Recovery Rectifier Diodes
MUR1620CTR-CT THINKISEMI-MUR1620CTR-CT Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MURF1020N-CT THINKISEMI-MURF1020N-CT Datasheet
636Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
U1020RG THINKISEMI-U1020RG Datasheet
758Kb / 2P
   10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
MURF1020CTR THINKISEMI-MURF1020CTR Datasheet
557Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
MUR1020N-CT THINKISEMI-MUR1020N-CT Datasheet
633Kb / 2P
   10.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com