전자부품 데이터시트 검색엔진 |
|
1N4148WS 데이터시트(PDF) 2 Page - TAITRON Components Incorporated |
|
1N4148WS 데이터시트(HTML) 2 Page - TAITRON Components Incorporated |
2 / 5 page Two Terminals SMD Switching Diodes Rev. C/AH 1N4148WS/1N4448WS/BAV16WS www.taitroncomponents.com Page 2 of 5 Fig.2- Typical Forward Characteristics Forward Voltage, VF (V) Symbol Description 1N4148WS 1N4448WS BAV16WS Unit Conditions 0.025 - - VDC=20V IR Max. Reverse Current 2.5 2.5 1.0 uA VDC=75V CJ Junction Capacitance 1.5 4.0 2.0 pF VR=0V, f=1MHz Trr Reverse Recovery Time 4.0 4.0 6.0 ns IF=10mA to IR=1mA, VR=6V,RL=100Ω RθJA Thermal Resistance 640 °C/W TJ Operating Junction Temperature Range -55 to +150 °C TSTG Storage Temperature Range -55 to +150 °C Typical Characteristics Curves Fig.1- Power Derating Curve Ambient Temperature (°C) |
유사한 부품 번호 - 1N4148WS |
|
유사한 설명 - 1N4148WS |