์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

KTK597 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - KEC(Korea Electronics)

๋ถ€ํ’ˆ๋ช… KTK597
์ƒ์„ธ๋‚ด์šฉ  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  KEC [KEC(Korea Electronics)]
ํ™ˆํŽ˜์ด์ง€  http://www.keccorp.com
Logo 

KTK597 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 4 / 5 page
background image
2002. 9. 17
4/5
KTK597
Revision No : 4
DRAIN CURRENT I
(
ยตA)
100
0.3
0.5
DSS
THD - I DSS
200
300
400
500
1
5
3
DRAIN CURRENT I
(
ยตA)
DSS
300
Z
- I
ODSS
100
200
300
400
500
400
500
700
600
DRAIN CURRENT I
(
ยตA)
100
26
30
28
DSS
Z
- I
IN
DSS
200
300
400
500
32
36
34
DRAIN CURRENT I
(
ยตA)
100
-10
-8
DSS
G
- I
VDSS
200
300
400
500
-6
-4
-2
0
2
V =10mV
in
R =1.0k
โ„ฆ
f=1kHz
L
G
: V
=4.5V
I
: V
=5.0V
V
DSS
DS
CC
V =10mV
in
f=1kHz
Z
: V
=4.5V
I
: V
=5.0V
IN
DSS
DS
CC
V =10mV
in
f=1kHz
Z
: V
=4.5V
I
: V
=5.0V
O
DSS
DS
CC
V =30mV
in
f=1kHz
THD : V
=4.5V
I
: V
=5.0V
DSS
DS
CC
DRAIN CURRENT I
(
ยตA)
100
DSS
G
- I
VV
DSS
200
300
400
500
-6
-4
-2
0
2
V =10mV
in
f=1kHz
G
: V
=4.5V
1.5V
I
: V
=5.0V
VV
DSS
DS
CC
DRAIN CURRENT I
(
ยตA)
DSS
-120
V
- I
NO
DSS
100
200
300
400
500
-118
-116
-112
-114
V =0, A curve
in
L
R =1.0k
โ„ฆ
V
: V
=4.5V
I
: V
=5.0V
NO
DSS
DS
CC


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn