전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX101 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX101
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
GENERAL PURPOSE APPLICATION.
FEATURES
Including two devices in TES6.
(Thin Extreme Super mini type with 6 pin.)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM
MILLIMETERS
A
A1
B1
C
TES6
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
6
4
P
P
P5
5
+_
+_
+_
+_
+_
+_
+_
1. Q EMITTER
4. Q EMITTER
3. Q COLLECTOR
5. Q BASE
6. Q COLLECTOR
1
2
2. Q BASE
1
1
2
2
2002. 1. 24
1/5
SEMICONDUCTOR
TECHNICAL DATA
KTX101E
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Revision No : 1
Q1 MAXIMUM RATING (Ta=25 )
1
Q1
Q2
23
65
4
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
Base Current
IB
30
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Q2 MAXIMUM RATING (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
Base Current
IB
-30
Q1 , Q2 MAXIMUM RATING (Ta=25 )
B
Type Name
h
Rank
FE
12
3
4
5
6
MARKING
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Raing.




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
BTA1036S3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC945A3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC4061N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTN8050N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTP2907AN3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
2N3906UEPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)
BC338EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)
BCW29EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)
KN4400EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 3 KEC(Korea Electronics)
KTA1036EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE 1 2 3 4 KEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl