전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX403U 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX403U
상세내용  EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
2003. 3. 11
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX403U
EPITAXIAL PLANAR NPN TRANSISTOR
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
SWITCHING APPLICATION.
LOW VOLTAGE HIGH SPEED SWITCHING.
FEATURES
Including two(TR, Diode) devices in USV.
(Ultra Super Mini type with 5 leads)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
B
D
G
USV
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
5
4
1.3 0.1
A1
+_
+_
+_
+_
+_
1. D ANODE
2. Q BASE
3. Q EMITTER
4. Q COLLECTOR
5. D CATHODE
1
1
1
1
1
MAXIMUM RATINGS (Ta=25 )
EQUIVALENT CIRCUIT (TOP VIEW)
1
D1
Q1
23
54
CK
Type Name
12
3
4
5
Marking
TRANSISTOR Q1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
6
Collector Current
IC
500
ICP *
1
A
Collector Power Dissipation
PC
100
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~125
DIODE (SBD) D1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
30
V
Reverse Voltage
VR
30
V
Maximum (Peak) Forward Current
IFM
300
Average Forward Current
IO
200
Surge Current (10mS)
IFSM
1
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX303UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl