전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101B 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SD101B
상세설명  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101B 데이터시트(HTML) 1 Page - Vishay Siliconix

  SD101B Datasheet HTML 1Page - Vishay Siliconix SD101B Datasheet HTML 2Page - Vishay Siliconix SD101B Datasheet HTML 3Page - Vishay Siliconix SD101B Datasheet HTML 4Page - Vishay Siliconix SD101B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD101A, SD101B, SD101C
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 06-May-13
1
Document Number: 85629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: DO-35
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10K per 13" reel (52 mm tape), 50K/box
TAP/10K per ammopack (52 mm tape), 50K/box
FEATURES
• Integrated
protection
ring
against
static
discharge
•Low capacitance
• Low leakage current
• Low forward voltage drop
• AEC-Q101 qualified
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• HF-detector
• Protection circuit
• Diode for low currents with a low supply voltage
• Small battery charger
• Power supplies
• DC/DC converter for notebooks
Note
(1) Valid provided that electrodes are kept at ambient temperature.
Note
(1) Valid provided that electrodes are kept at ambient temperature.
PARTS TABLE
PART
TYPE DIFFERENTATION
ORDERING CODE
INTERNAL
CONSTRUCTION
TYPE MARKING
REMARKS
SD101A
VR = 60 V, VF max. 410 mV
at IF = 1 mA
SD101A-TR or
SD101A-TAP
Single diode
SD101A
Tape and reel/
ammopack
SD101B
VR = 50 V, VF max. 400 mV
at IF = 1 mA
SD101B-TR or
SD101B-TAP
Single diode
SD101B
Tape and reel/
ammopack
SD101C
VR = 40 V, VF max. 390 mV
at IF = 1 mA
SD101C-TR or
SD101C-TAP
Single diode
SD101C
Tape and reel/
ammopack
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
SD101A
VR
60
V
SD101B
VR
50
V
SD101C
VR
40
V
Forward continuous current
IF
30
mA
Peak forward surge current
tp = 10 μs
IFSM
2A
Repetitive peak forward current
IFRM
150
mA
Power dissipation (1)
Ptot
310
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Thermal resistance junction to ambient air (1)
RthJA
320
K/W


유사한 부품 번호 - SD101B

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SD101B SEMTECH-SD101B Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
logo
Shanghai Lunsure Electr...
SD101B CHENYI-SD101B Datasheet
74Kb / 2P
   small single schottky diodes
logo
Diodes Incorporated
SD101B DIODES-SD101B Datasheet
57Kb / 2P
   SCHOTTKY BARRIER DIODE
DS11008 Rev. I-2
logo
Jinan Jingheng (Group) ...
SD101B JINANJINGHENG-SD101B Datasheet
95Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
logo
General Semiconductor
SD101B GE-SD101B Datasheet
107Kb / 3P
   Schottky Diodes
More results

유사한 설명 - SD101B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com