전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLS-SMD-10F 데이터시트(PDF) 1 Page - BetLux Electronics

부품명 TLS-SMD-10F
상세설명  LED strip light, Mono color, Top LED type, Flexible
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BETLUX [BetLux Electronics]
홈페이지  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-SMD-10F 데이터시트(HTML) 1 Page - BetLux Electronics

  TLS-SMD-10F Datasheet HTML 1Page - BetLux Electronics TLS-SMD-10F Datasheet HTML 2Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  
LED STRIP LIGHT, Top LED type , MONO COLOR
TLS-SMD-10F
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 2
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
■  Features:
Ø
LED strip light, Mono color, Top LED type, Flexible
Ø
Ultra brightness available
Ø
PLCC2 top LED typ
Ø
LED color: Red, Green, Blue, Yellow, white
Ø
LED service life: 50,000-100,000hrs
Ø
Continuous length flexible LED light strips
Ø
Input: 12VDC
Ø
Working Current: 2A for Single Color a reel. 3A for RGB Color a reel
Ø
Cut by every 3 LEDs
Ø
Maintenance free, easy installation
Ø
Application: commercial, residential and industrial environments;
Ø
Can be used as backlighting in decoration and advertisement; can be used in illumination devices
Ø
Standard Length: 5 Meters/Reel
Ø
Printed Circuit Board thickness: 0.2-0.25mm
n
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λ
P
(n
m)
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2(
deg)
TLS-SMD-10F-UEC
Ultra Orange
AlGaInP
630
11.5
12.5
500
700
TLS-SMD-10F-UYC
Ultra Yellow
AlGaInP
590
11.5
12.5
400
600
TLS-SMD-10F-PGC
Ultra Pure Green
InGaN
525
11.5
12.5
700
1000
TLS-SMD-10F-UBC
Ultra Blue
InGaN
470
11.5
12.5
400
700
TLS-SMD-10F-UWC
Ultra White
InGaN
/
11.5
12.5
600
1200
100
n
Full set of LED strip picture


유사한 부품 번호 - TLS-SMD-10F

제조업체부품명데이터시트상세설명
logo
BetLux Electronics
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB-30 BETLUX-TLS-SMD-10F-RGB-30 Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible, Water Proof
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB-60 BETLUX-TLS-SMD-10F-RGB-60 Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible , Water Proof
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
More results

유사한 설명 - TLS-SMD-10F

제조업체부품명데이터시트상세설명
logo
BetLux Electronics
TLS-F3-96 BETLUX-TLS-F3-96 Datasheet
54Kb / 1P
   Flexible LED strip light, Mono color, flat top LED type
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
TLS-SMD-10F-RGB-60 BETLUX-TLS-SMD-10F-RGB-60 Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible , Water Proof
TLS-SMD-10F-RGB-30 BETLUX-TLS-SMD-10F-RGB-30 Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible, Water Proof
TLS-SMD-S32A-3528 BETLUX-TLS-SMD-S32A-3528 Datasheet
328Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-FL-73 BETLUX-TLS-FL-73 Datasheet
77Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-FL-S40 BETLUX-TLS-FL-S40 Datasheet
132Kb / 2P
   LED strip light, Mono color, Super Flux LED type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com