전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4103 데이터시트(PDF) 1 Page - Knox Semiconductor, Inc

부품명 1N4103
상세설명  LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KNOX [Knox Semiconductor, Inc]
홈페이지  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

1N4103 데이터시트(HTML) 1 Page - Knox Semiconductor, Inc

  1N4103 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
LOW LEVEL ZENER DIODES
LOW CURRENT: 250µA - LOW NOISE
1N4099-1N4121 ** 1N4614-1N4627
NOM ZENER
MAX ZENER
MAX REVERSE
MAX NOISE
MAX REGULATOR
PART
VOLTAGE
IMPEDANCE
LEAKAGE CURRENT
DENSITY AT
CURRENT Izm
NUMBER
Vz @ 250 µA
Zzt @ 250 µA
Ir
@
Vr
Iz = 250 µA
(VOLTS)
(OHMS)
(µAdc)
(Vdc)
µVz /
√√Hz
(mAdc)
1N4099
6.8
200
10.0
5.17
40
35.0
1N4100
7.5
200
10.0
5.70
40
31.8
1N4101
8.2
200
1.0
6.24
40
29.0
1N4102
8.7
200
1.0
6.61
40
27.4
1N4103
9.1
200
1.0
6.92
40
26.2
1N4104
10.0
200
1.0
7.60
40
24.8
1N4105
11.0
200
0.05
8.44
40
21.6
1N4106
12.0
200
0.05
9.12
40
20.4
1N4107
13.0
200
0.05
9.87
40
19.0
1N4108
14.0
200
0.05
10.65
40
17.5
1N4109
15.0
100
0.05
11.40
40
16.3
1N4110
16.0
100
0.05
12.15
40
15.4
1N4111
17.0
100
0.05
12.92
40
14.5
1N4112
18.0
100
0.05
13.67
40
13.2
1N4113
19.0
150
0.05
14.44
40
12.5
1N4114
20.0
150
0.01
15.20
40
11.9
1N4115
22.0
150
0.01
16.72
40
10.8
1N4116
24.0
150
0.01
18.25
40
9.9
1N4117
25.0
150
0.01
19.00
40
9.5
1N4118
27.0
150
0.01
20.46
40
8.8
1N4119
28.0
200
0.01
21.28
40
8.5
1N4120
30.0
200
0.01
22.80
40
7.9
1N4121
33.0
200
0.01
25.08
40
7.2
1N4614
1.8
1200
7.5
1.0
1
120.0
1N4615
2.0
1250
5.0
1.0
1
110.0
1N4616
2.2
1300
4.0
1.0
1
100.0
1N4617
2.4
1400
2.0
1.0
1
95.0
1N4618
2.7
1500
1.0
1.0
1
90.0
1N4619
3.0
1600
0.8
1.0
1
85.0
1N4620
3.3
1650
7.5
1.5
1
80.0
1N4621
3.6
1700
7.5
2.0
1
75.0
1N4622
3.9
1650
5.0
2.0
1
70.0
1N4623
4.3
1600
4.0
2.0
1
65.0
1N4624
4.7
1550
10.0
3.0
1
60.0
1N4625
5.1
1500
10.0
3.0
2
55.0
1N4626
5.6
1400
10.0
4.0
4
50.0
1N4627
6.2
1200
10.0
5.0
5
45.0
1. Package Style
DO-7
2. Vz tolerance: ± 5%
3. Forward Voltage (VF) Maximum 1.0 Vdc
(1N4614 – 1N4627 IF = 100 mA; 1N4099 – 1N4121 IF = 200 mA)
4. Noise Density measured from 1000 to 3000 Hz.
5. MILITARY SCREENING AVAILABLE.


유사한 부품 번호 - 1N4103

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4103 CDI-DIODE-1N4103 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4103 MCC-1N4103 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Microsemi Corporation
1N4103 MICROSEMI-1N4103 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4103 MICROSEMI-1N4103 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4103 MICROSEMI-1N4103 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
More results

유사한 설명 - 1N4103

제조업체부품명데이터시트상세설명
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
   500mW Low Noise Zener Diodes
logo
Knox Semiconductor, Inc
K120 KNOX-K120 Datasheet
34Kb / 1P
   LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
K511 KNOX-K511 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com