전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB320 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 SB320
상세설명  3.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB320 데이터시트(HTML) 2 Page - Diodes Incorporated

  SB320_15 Datasheet HTML 1Page - Diodes Incorporated SB320_15 Datasheet HTML 2Page - Diodes Incorporated SB320_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB320 - SB360
Document number: DS23023 Rev. 9 - 2
2 of 3
www.diodes.com
November 2010
© Diodes Incorporated
SB320 - SB360
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1.5
2.0
2.5
3.0
0.1
1.0
10
0.1
0.3
0.4
0.2
0.5
0.6
0.7
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0
16
32
48
64
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half-Sine-Wave
T = T
jj(max)
10
100
1000
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance
R
T = 25 C
f = 1.0MHz
V
= 50m Vp-p
j
sig
°
SB320 - SB340
SB350 & SB360
0.01
0.1
1
10
0.001
0.0001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE (%)
Fig. 5 Typical Reverse Characteristics


유사한 부품 번호 - SB320_15

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
SB320 CTC-SB320_15 Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB320 VISHAY-SB320_15 Datasheet
82Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
logo
Leshan Radio Company
SB320 LRC-SB320_15 Datasheet
140Kb / 4P
   Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
SB320 DACHANG-SB320_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results

유사한 설명 - SB320_15

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_10 Datasheet
78Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
B320AF DIODES-B320AF Datasheet
311Kb / 1P
   3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
   3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com