전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5100A 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 SM5100A
상세설명  Schottky Barrier Rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM5100A 데이터시트(HTML) 1 Page - Leshan Radio Company

  SM5100A_15 Datasheet HTML 1Page - Leshan Radio Company SM5100A_15 Datasheet HTML 2Page - Leshan Radio Company SM5100A_15 Datasheet HTML 3Page - Leshan Radio Company SM5100A_15 Datasheet HTML 4Page - Leshan Radio Company SM5100A_15 Datasheet HTML 5Page - Leshan Radio Company SM5100A_15 Datasheet HTML 6Page - Leshan Radio Company SM5100A_15 Datasheet HTML 7Page - Leshan Radio Company SM5100A_15 Datasheet HTML 8Page - Leshan Radio Company SM5100A_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AC,
molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0023 oz., 0.065 g
We declare that the material of product compliance
Handling precautin:None
with ROHS requirements
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A SM530A SM540A SM550A SM560A SM580A SM5100A Unit
device marking code
S52
S53
S54
S55
S56
S58
S510
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100V
Maximum RSM voltage
VRSM
14
21
28
35
42
56
70V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100V
Maximum average forward rectified current
at TA = 80°C
IF(AV)A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
°
C/W
Operating junction and storage temperature range
TJ,
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A SM530A SM540A SM550A SM560A SM580A SM5100A Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
5.0
100
50
40 to +150
0.85
0.80
0.5
50
110
SM520A thru SM5100A
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 5.0A
0.46
0.65
0.50
0.70


유사한 부품 번호 - SM5100A_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM5100A SECOS-SM5100A_15 Datasheet
425Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

유사한 설명 - SM5100A_15

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com