전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJE-XV12W2P 데이터시트(PDF) 11 Page - Seoul Semiconductor

부품명 SMJE-XV12W2P
상세설명  Integrated AC LED Solution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-XV12W2P 데이터시트(HTML) 11 Page - Seoul Semiconductor

Back Button SMJE-XV12W2P Datasheet HTML 7Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 8Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 9Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 10Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 11Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 12Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 13Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 14Page - Seoul Semiconductor SMJE-XV12W2P Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.seoulsemicon.com
Product Data Sheet
SMJE-XV12W2P# - Acrich2 13W
11
Rev3.0
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
CIE Chromaticity Diagram
Bin
x
y
Bin
x
y
Bin
x
y
BMC
0.3266
0.3428
CMC
0.3427
0.3568
EMC
0.3806
0.3822
0.3268
0.3371
0.3423
0.3504
0.3786
0.3745
0.3319
0.3416
0.3476
0.3547
0.3846
0.3782
0.3319
0.3476
0.3482
0.3613
0.3870
0.3861
GMC
0.4336
0.4067
HMC
0.4581
0.4143
0.4294
0.3977
0.4531
0.4051
0.4354
0.3999
0.4589
0.4065
0.4398
0.4089
0.4641
0.4157
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
F
3700K
4200K
4700K
H
E
G
C
B
5300K
2900K
2600K
3200K
6000K
x
ANSI
MacAdam 3-Step
BMC
CMC
EMC
GMC
HMC


유사한 부품 번호 - SMJE-XV12W2P

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJE-XV12W2P4 SEOUL-SMJE-XV12W2P4 Datasheet
910Kb / 24P
   Integrated AC LED Solution
More results

유사한 설명 - SMJE-XV12W2P

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com