전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-SZ5-P 데이터시트(PDF) 7 Page - Seoul Semiconductor

부품명 SSC-SZ5-P
상세설명  Super high Flux output and high Luminance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SZ5-P 데이터시트(HTML) 7 Page - Seoul Semiconductor

Back Button SSC-SZ5-P Datasheet HTML 3Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 4Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 5Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 6Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 7Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 8Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 9Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 10Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Color Spectrum
(IF=350mA, Ta=25
℃, RH30%)
4. Characteristic diagrams
0.2
0.4
0.6
0.8
1.0
SZ5-M0-W0-00
August 2012
August 2012
www.seoulsemicon.com
www.seoulsemicon.com
Document No. : SSC- QP- 7- 07- 12
400
450
500
550
600
650
700
750
0.0
Wavelength[nm]
7


유사한 부품 번호 - SSC-SZ5-P

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
More results

유사한 설명 - SSC-SZ5-P

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com