전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA280E1 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA280E1
상세설명  SAW Filter 280, 281, 284 MHz For Pager
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA280E1 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA280E1 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA280E1 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA280E1 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA280E1 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA280E1 Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
C.
FREQUENCY CHARACTERISTICS:
TA280E1
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Freq. (MHz)
TA280E1
-80
-70
-60
-50
-40
-30
-20
-10
0
Freq. (MHz)


유사한 부품 번호 - TA280E1

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TA28029AV TRANSKO-TA28029AV Datasheet
642Kb / 4P
   280.00 MHz IF SAW Filter / 29.51 MHz Bandwidth
Revision 0: 07. Oct. 2010
More results

유사한 설명 - TA280E1

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA284GC TAI-SAW-TA284GC Datasheet
251Kb / 5P
   SAW Filter 284 MHz For Pager
TA284FD TAI-SAW-TA284FD Datasheet
288Kb / 5P
   SAW Filter 284 MHz
TA147FD TAI-SAW-TA147FD Datasheet
302Kb / 5P
   SAW Filter 147 MHz For Pager
TA446E1 TAI-SAW-TA446E1 Datasheet
153Kb / 4P
   SAW Filter 446 MHz For Pager
TA935EC TAI-SAW-TA935EC Datasheet
437Kb / 5P
   SAW Filter 935 MHz For Pager
TA229E1 TAI-SAW-TA229E1 Datasheet
731Kb / 4P
   SAW Filter 229.5 MHz For Pager
TA930GC TAI-SAW-TA930GC Datasheet
403Kb / 6P
   SAW Filter 930.5 MHz for Pager
TA155FD TAI-SAW-TA155FD Datasheet
297Kb / 5P
   SAW Filter 155 MHz For Pager
logo
Golledge Electronics Lt...
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
   280 MHz SAW Filter for WLAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB0137A TAI-SAW-TB0137A Datasheet
353Kb / 5P
   SAW Filter 280 MHz for WLAN
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com