전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0714A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0714A
상세설명  SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0714A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0714A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


유사한 부품 번호 - TA0714A

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
TA071 ALLEN-BRADLEY-TA071 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
TAI-SAW TECHNOLOGY CO.,...
TA0710A TAI-SAW-TA0710A Datasheet
372Kb / 6P
   SAW Filter 448MHz SMD 3.8횞3.8mm
logo
Golledge Electronics Lt...
TA0710A GOLLEDGE-TA0710A Datasheet
196Kb / 5P
   SAW Filter 448MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0711A TAI-SAW-TA0711A Datasheet
280Kb / 8P
   SAW Filter 1972.5 MHz SMD 3.0X3.0 mm
logo
Golledge Electronics Lt...
TA0711A GOLLEDGE-TA0711A Datasheet
88Kb / 7P
   SAW Filter 1972.50MHz
More results

유사한 설명 - TA0714A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA0757BC TAI-SAW-TA0757BC Datasheet
266Kb / 7P
   SAW Filter 1575.42 MHz SMD 1.4X1.1 mm (BW=2 MHz)
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA2711AA1325 TAI-SAW-TA2711AA1325 Datasheet
731Kb / 7P
   SAW Filter 875 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA2716AA1325 TAI-SAW-TA2716AA1325 Datasheet
476Kb / 7P
   SAW Filter 2355 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
   SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
TA2538A TAI-SAW-TA2538A Datasheet
616Kb / 6P
   SAW Filter 1246.5 MHz SMD 1.4x1.1 mm (BW=63 MHz)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com