전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0945A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0945A
상세설명  SAW Filter 622.08 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0945A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0945A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 622.08 MHz
MODEL NO.: TA0945A
REV. NO:2.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 0V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
622.08
-
Minimum I.L.
IL(min) dB
-
2.7
4.5
Pass band (relative to ILmin)
621.730 ~ 622.430
MHz
dB
-
0.5
1.5
621.580 ~ 622.580
MHz
dB
-
1.0
2.0
Pass bandwidth(relative to ILmin)
BW2
KHz
1000
1450
Attenuation (relative to ILmin)
500.000 ~ 600.000
MHz
dB
40
46
-
600.000 ~612.080
MHz
dB
27
32
-
624.000 ~ 637.000
MHz
dB
10
20
-
637.000 ~ 647.000
MHz
dB
33
37
-
647.000 ~ 1000.00
MHz
dB
40
46
-
Impedance at Fc ; Input
ZIN=RIN//CIN
241Ω//2.73pF
Output ZOUT=ROUT//COUT
467Ω//3.0pF
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


유사한 부품 번호 - TA0945A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0945A GOLLEDGE-TA0945A Datasheet
201Kb / 5P
   SAW Filter 622.080MHz
More results

유사한 설명 - TA0945A

제조업체부품명데이터시트상세설명
logo
Vanlong Technology Co.,...
SF5701 VANLONG-SF5701 Datasheet
89Kb / 2P
   622.08 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0911A TAI-SAW-TA0911A Datasheet
387Kb / 10P
   SAW Filter 622.08 MHz
logo
Murata Manufacturing Co...
HO4050B-1 MURATA-HO4050B-1 Datasheet
86Kb / 2P
   622.08 MHz differential SAW Oscillator
logo
Vanlong Technology Co.,...
SR622 VANLONG-SR622 Datasheet
90Kb / 2P
   622.08 MHz One-Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
logo
NIHON DEMPA KOGYO
WF328A NDK-WF328A Datasheet
80Kb / 1P
   622.08-MHz Timing Filter for Optical Communication
logo
Texas Instruments
TNETA1622 TI1-TNETA1622 Datasheet
89Kb / 5P
[Old version datasheet]   622.08-MHz CLOCK-RECOVERY DEVICE
logo
Murata Manufacturing Co...
OP4005B1 MURATA-OP4005B1 Datasheet
74Kb / 2P
   622.08 MHz Optical Timing Clock
logo
TAI-SAW TECHNOLOGY CO.,...
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
logo
RF Monolithics, Inc
OP4005B RFM-OP4005B Datasheet
265Kb / 7P
   622.08 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com