전자부품 데이터시트 검색엔진 |
|
TA1324A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
TA1324A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
2 / 8 page TAI-SAW TECHNOLOGY CO., LTD. - 2 - TST DCC Release document TAI-SAW TECHNOLOGY CO., LTD. No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com SAW Filter 942.5 MHz BW35MHz MODEL NO.: TA1324A Rev 2.0 A. MAXIMUM RATING: 1. Input Power Level: 10 dBm 2. DC Voltage : 3V 3. Operating Temperature: -25°C to +75°C 4. Storage Temperature: -30°C to +85°C Electrostatic Sensitive Device (ESD) B. ELECTRICAL CHARACTERISTICS: Terminating source impedance : Zs = 50 Ω Terminating load impedance : ZL = 50 Ω Item Unit Min. Type. Max. Note Center Frequency Fc MHz - 942.5 - - Insertion Loss (925~960 MHz) IL dB - 3.0 3.8 - VSWR (925~960 MHz) dB - 1.6 2.0 - Amplitude ripple(925~960 MHz) dB - 1.3 2.2 - Attenuation D.C ~ 880 MHz dB 38 42 - - 880 ~ 905 MHz dB 30 40 - - 905 ~ 915 MHz dB 28 38 - - 980 ~ 3000 MHz dB 25 31 - - 3000 ~ 6000 MHz dB 19 32 - Package size mm SMD 1.4x1.1 RoHS Compliant Lead free Lead-free soldering |
유사한 부품 번호 - TA1324A |
|
유사한 설명 - TA1324A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |