전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1377A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1377A
상세설명  SAW Filter 2338.75MHz BW12.5MHz SMD 3.0x3.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1377A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1377A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1377A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1377A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1377A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1377A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1377A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1377A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
D. MEASUREMENT CIRCUIT:


유사한 부품 번호 - TA1377A

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TA1370BM1 TRANSKO-TA1370BM1 Datasheet
434Kb / 4P
   Wireless, RF SAW Filter
Revision 0: April 2011
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1372FNG TOSHIBA-TA1372FNG Datasheet
186Kb / 15P
   VHF Band RF Modulator IC for VCRs and Set top boxes
More results

유사한 설명 - TA1377A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1654A TAI-SAW-TA1654A Datasheet
222Kb / 7P
   SAW Filter 1435MHz(BW 50MHz) SMD 3.0x3.0mm
TA1667A TAI-SAW-TA1667A Datasheet
284Kb / 7P
   SAW Filter 1268MHz BW 20MHz SMD 3.0x3.0mm
TA1657A TAI-SAW-TA1657A Datasheet
251Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0x3.0mm
TA2590A TAI-SAW-TA2590A Datasheet
478Kb / 8P
   840.8MHz 1.5MHz BW SMD 3.0X3.0mm RF SAW Filter
TA0748A TAI-SAW-TA0748A Datasheet
270Kb / 8P
   SAW Filter 947.5 MHz SMD 3.0X3.0mm for GSM
TA2497A TAI-SAW-TA2497A Datasheet
475Kb / 8P
   840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter
TC0669A TAI-SAW-TC0669A Datasheet
431Kb / 6P
   SAW Resonator 1030 MHz -50KHz SMD 3.0x3.0mm
logo
ECS, Inc.
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
   SMD SAW FILTER
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
   SMD SAW FILTER
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
   SMD 434.0MHz SAW FILTER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com