전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS15L 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 SS15L
상세설명  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS15L 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS15L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS15L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS15L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS15L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SS16L
SS16L
SS16L
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308028
Version: N13
PACKAGE
RT
Sub SMA
7,500 / 13" Plastic reel (8mm tape)
RU
Suffix "G"
Sub SMA
RQ
R3
Sub SMA
RF
Sub SMA
1,800 / 7" Plastic reel (12mm tape)
PREFERRED P/N
R2
Sub SMA
M2
Sub SMA
Sub SMA
MQ
Sub SMA
RATINGS AND CHARACTERISTICS CURVES
SS16L RUG
SS16LHRU
H
RU
RV
Sub SMA
MT
Sub SMA
10,000 / 13" Plastic reel (8mm tape)
PACKING
7,500 / 13" Paper reel (8mm tape)
7,500 / 13" Paper reel (12mm tape)
SS1XL
(Note 1)
1,800 / 7" Plastic reel (8mm tape)
MH
3,000 / 7" Plastic reel (12mm tape)
10,000 / 13" Paper reel (8mm tape)
PACKING
CODE
GREEN COMPOUND
CODE
Prefix "H"
PACKING CODE
Taiwan Semiconductor
10,000 / 13" Plastic reel (12mm tape)
10,000 / 13" Paper reel (12mm tape)
7,500 / 13" Plastic reel (12mm tape)
RH
Sub SMA
3,000 / 7" Plastic reel (8mm tape)
DESCRIPTION
RU
SS12L thru SS115L
SS16L RU
RU
ORDERING INFORMATION
EXAMPLE
Note 1: "x" defines voltage from 20V (SS12L) to 150V (SS115L)
AEC-Q101
QUALIFIED
G
Sub SMA
AEC-Q101 qualified
GREEN COMPOUND
CODE
AEC-Q101
QUALIFIED
Green compound
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
SS12L-SS14L
SS15L-SS115L
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXUMUM FORWARD SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.1
1
10
100
1000
10000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=100℃
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SS13L-SS14L
SS12L
SS15L-SS16L
SS115L
SS19L-SS110L


유사한 부품 번호 - SS15L

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SS15L TSC-SS15L Datasheet
50Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS15L SSC-SS15L Datasheet
232Kb / 3P
   Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS15L TSC-SS15L Datasheet
545Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS15L DGNJDZ-SS15L Datasheet
157Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS15L DGNJDZ-SS15L Datasheet
187Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SS15L

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com