전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS10KL80 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS10KL80
상세설명  Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10KL80 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS10KL80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10KL80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10KL80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10KL80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "xx" defines voltage from 600V (TS10KL60) to 1000V (TS10KL100)
PART NO.
TS10KL80
TS10KL80
(TA=25°C unless otherwise noted)
Document Number: DS_D1402001
Version: D14
TS10KL60 thru TS10KL100
Taiwan Semiconductor
PACKING CODE
PREFERRED P/N
PACKING CODE
ORDERING INFORMATION
RATINGS AND CHARACTERISTICS CURVES
TS10KLXX
(Note 1)
TS10KL80 D3
D3
EXAMPLE
PACKING CODE
SUFFIX
DESCRIPTION
D3
PACKING CODE
SUFFIX
PACKAGE
PACKING
G
KBJL
20 / TUBE
D3
G
Green compound
TS10KL80 D3G
0
2
4
6
8
10
12
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
50
100
150
200
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH-300μs
1% DUTY CYCLE
TJ=25°C
TJ=125°C
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C


유사한 부품 번호 - TS10KL80

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS10KL80 TSC-TS10KL80 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifiers
TS10KL80 TSC-TS10KL80 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

유사한 설명 - TS10KL80

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com