전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS10KL100 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS10KL100
상세설명  Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10KL100 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10KL100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10KL100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10KL100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10KL100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Thin Single in-line low profile package ideal for compact required circuit
- Glass passivated junction
- High surge current capability
- UL Recognized File # E-326243
Packing code with suffix "G" means green compound (halogen-free)
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1402001
Version: D14
TS10KL60 thru TS10KL100
Taiwan Semiconductor
Glass Passivated Single-Phase Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
KBJL
Case:
KBJL
Molding compound, UL flammability classification rating 94V-0
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
Polarity:
As marked
700
600
Mounting torque:
0.56 Nm max. (5 in-lbs. max.)
Weight:
2.5g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise noted)
PARAMETER
Maximum repetitive peak reverse voltage
800
1000
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
180
A
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
10
420
560
μA
V
Rating of fusing ( t<8.3ms)
134
Maximum instantaneous forward voltage (Note 1)
IF= 5 A
VF
1.0
5
150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Note 2: Mount on Heatsink size of 4" x 6" x 0.25" Al-Plate
TS10KL60
TS10KL80
TS10KL100
600
800
1000
Typical thermal resistance (Note 2)
1.5
Storage temperature range
- 55 to +150
Operating junction temperature range
- 55 to +150
Maximum reverse current @ rated VR
TJ=25 °C
TJ=100 °C
IR


유사한 부품 번호 - TS10KL100

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS10KL100 TSC-TS10KL100 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifiers
TS10KL100 TSC-TS10KL100 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

유사한 설명 - TS10KL100

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com