전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1433A 데이터시트(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1433A
상세설명  SAW Filter 2140 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1433A 데이터시트(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1433A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
S11
S22


유사한 부품 번호 - TA1433A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1433A GOLLEDGE-TA1433A Datasheet
206Kb / 6P
   SAW Filter 2140.0MHz
More results

유사한 설명 - TA1433A

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
   SAW Filter 2140 MHz
TA1587A TAI-SAW-TA1587A Datasheet
143Kb / 8P
   SAW Filter 2140 MHz
logo
TriQuint Semiconductor
856738 TRIQUINT-856738_15 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856562 TRIQUINT-856562_15 Datasheet
478Kb / 5P
   2140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2225E RFM-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TriQuint Semiconductor
855937 TRIQUINT-855937 Datasheet
490Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1845B TAI-SAW-TA1845B Datasheet
601Kb / 9P
   SAW Filter 2140 MHz
TA1396A TAI-SAW-TA1396A Datasheet
265Kb / 8P
   SAW Filter 2140 MHz BW60MHz
logo
API Technologies Corp
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com