전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1464A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1464A
상세설명  SAW Filter 1575.42 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1464A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1464A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
: Year Code (2009->9, 2010->0,…, 2018->8)
: Date Code (W01->A,W02->B,…W27->a,…,W52->z)
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3 ,4,6
2 : Input
5 : Output
1,3,4,6 : Ground
Unit : mm


유사한 부품 번호 - TA1464A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1464A GOLLEDGE-TA1464A Datasheet
206Kb / 6P
   SAW Filter 1575.420MHz
More results

유사한 설명 - TA1464A

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com