전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5059 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 1N5059
상세설명  Standard Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5059 데이터시트(HTML) 1 Page - Vishay Siliconix

  1N5059_15 Datasheet HTML 1Page - Vishay Siliconix 1N5059_15 Datasheet HTML 2Page - Vishay Siliconix 1N5059_15 Datasheet HTML 3Page - Vishay Siliconix 1N5059_15 Datasheet HTML 4Page - Vishay Siliconix 1N5059_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1N5059, 1N5060, 1N5061, 1N5062
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 12-Sep-12
1
Document Number: 86000
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Avalanche Sinterglass Diode
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically
sealed
axial-leaded
glass
envelope
• Controlled avalanche characteristics
• Low reverse current
• High surge current loading
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Rectification diode, general purpose
949539
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
1N5062
1N5062TR
5000 per 10" tape and reel
25 000
1N5062
1N5062TAP
5000 per ammopack
25 000
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
1N5059
VR = 200 V; IF(AV) = 2 A
SOD-57
1N5060
VR = 400 V; IF(AV) = 2 A
SOD-57
1N5061
VR = 600 V; IF(AV) = 2 A
SOD-57
1N5062
VR = 800 V; IF(AV) = 2 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak reverse
voltage
See electrical characteristics
1N5059
VR = VRRM
200
V
1N5060
VR = VRRM
400
V
1N5061
VR = VRRM
600
V
1N5062
VR = VRRM
800
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Average forward current
TthJA = 45 K/W, Tamb = 50 °C
IF(AV)
2A
TthJA = 100 K/W, Tamb = 75 °C
IF(AV)
0.8
A
Pulse energy in avalanche mode, non
repetitive (inductive load switch off)
I(BR)R = 1 A, inductive load
ER
20
mJ
Junction and storage temperature range
Tj = Tstg
- 55 to + 175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W


유사한 부품 번호 - 1N5059_15

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5059 DIOTEC-1N5059_15 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
More results

유사한 설명 - 1N5059_15

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com