전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1584A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1584A
상세설명  SAW Filter 1568 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1584A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1584A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1584A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LID.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1568 MHz
MODEL NO.: TA1584A
REV. NO:2.0
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 0 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
dB
-
1568
-
Insertion loss within 1559.098 ~1563.098 MHz
IL
dB
-
1.1
2.0
Insertion loss within 1573.420 ~1577.420 MHz
IL
dB
-
1.3
2.2
Amplitude ripple (p-p) within 1559.098 ~ 1577.420 MHz
dB
-
0.3
1.2
Group delay ripple within 1559.098 ~ 1577.420 MHz
ns
4
40
Attenuation (Reference level from 0 dB)
10.000 ~ 820.00
MHz
dB
27
35
-
820.00 ~ 1521.0
MHz
dB
30
35
-
1616.0 ~ 1624.0
MHz
dB
45
59
-
1624.0 ~ 3000.0
MHz
dB
30
38
-
VSWR within 1559.098 ~1577.420
MHz
-
1.45
2.0
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
H P N e tw o r k a naly z er
50Ω
S A W F ilte r
B
E
A,C, D,F
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


유사한 부품 번호 - TA1584A

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TA1580AM TRANSKO-TA1580AM Datasheet
441Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1581A TAI-SAW-TA1581A Datasheet
127Kb / 7P
   SAW Filter 137.5 MHz
TA1583A TAI-SAW-TA1583A Datasheet
141Kb / 8P
   SAW Filter 1680 MHz
TA1585A TAI-SAW-TA1585A Datasheet
195Kb / 8P
   SAW Filter 810 MHz
TA1586BB TAI-SAW-TA1586BB Datasheet
371Kb / 6P
   SAW Filter 1586MHz
More results

유사한 설명 - TA1584A

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com