전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF3001 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 UF3001
상세설명  3.0A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF3001 데이터시트(HTML) 3 Page - Diodes Incorporated

  UF3001_15 Datasheet HTML 1Page - Diodes Incorporated UF3001_15 Datasheet HTML 2Page - Diodes Incorporated UF3001_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS25004 Rev. 8 - 2
3 of 3
UF3001 - UF3007
www.diodes.com
Ordering Information
Device
Packaging
Shipping
UF3001-B
DO-201AD
500/Bulk
UF3001-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3002-B
DO-201AD
500/Bulk
UF3002-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3003-B
DO-201AD
500/Bulk
UF3003-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3004-B
DO-201AD
500/Bulk
UF3004-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3005-B
DO-201AD
500/Bulk
UF3005-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3006-B
DO-201AD
500/Bulk
UF3006-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3007-B
DO-201AD
500/Bulk
UF3007-T
DO-201AD
1.2K/Tape & Reel, 13-inch
(Note 6)
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


유사한 부품 번호 - UF3001_15

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
UF3001 CTC-UF3001_15 Datasheet
52Kb / 2P
   ULTRA FAST RECTIFIERS
More results

유사한 설명 - UF3001_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
UF3001 DIODES-UF3001_1 Datasheet
409Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
logo
TAITRON Components Inco...
UF5400 TAITRON-UF5400 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
TUF301 TAITRON-TUF301 Datasheet
137Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
UG3001 DIODES-UG3001 Datasheet
86Kb / 2P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
UG3001 DIODES-UG3001_1 Datasheet
85Kb / 3P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
   3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
   3.0A Surface Mount Ultra-Fast Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com