전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX585B4V3 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 BZX585B4V3
상세설명  Zener Diode, 2% Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX585B4V3 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX585B4V3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX585B4V3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX585B4V3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX585B4V3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX585B4V3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX585B4V3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO.
PACKING
Note 1: "xxx" defines voltage from 2.4V (BZX585B2V4) to 51V (BZX585B51)
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
DESCRIPTION
Version: B14
BZX585B51-D0 RSG
PREFERRED P/N
PACKING CODE
PART NO.
SUFFIX
Multiple manufacturer
sources,
Green compound
BZX585B51 RSG
BZX585B51
RS
G
Defined manufacturer
source,
Green compound
G
RS
-D0
BZX585B51
PACKING CODE
SUFFIX
BZX585B2V4 thru BZX585B51
Taiwan Semiconductor
Small Signal Product
PACKING CODE
PACKING CODE
SUFFIX
PART NO.
SUFFIX
PACKAGE
ORDERING INFORMATION
EXAMPLE
BZX585Bxxx
(Note1)
RS
G
SOD-523F
8,000 / 7" Reel
-xx
(Note 2)


유사한 부품 번호 - BZX585B4V3

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BZX585B4V3 KEXIN-BZX585B4V3 Datasheet
48Kb / 2P
   Zener Diodes
More results

유사한 설명 - BZX585B4V3

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com