전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1622A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1622A
상세설명  SAW Filter 864 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1622A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1622A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1622A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1622A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1622A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1622A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1622A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1622A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E.OUTLINE DRAWING ):
F. PCB Footprint:
A:Input ground (recommended) or Input
B:Input (recommended) or Input ground
D:Output ground (recommended) or Output
E::Output (recommended) or Output ground
C、F:
Case Ground
∆:Year Code
□:Data Code(Follow the table provided by planer each year )
Unit:mm
*3) The recommended pin configuration offers better suppression of electrical crosstalk.
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
no
pq
r
s
t
u
v
w
x
y
z


유사한 부품 번호 - TA1622A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1622A GOLLEDGE-TA1622A Datasheet
93Kb / 4P
   SAW Filter 864.0MHz
More results

유사한 설명 - TA1622A

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
SF0864BA02510S SPECTRUM-SF0864BA02510S Datasheet
149Kb / 3P
   864 MHz SAW Filter 12 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0864BA02511S ICST-SF0864BA02511S Datasheet
62Kb / 2P
   864 MHz SAW Filter 3 MHz Bandwidth
logo
API Technologies Corp
SF0864BA02510S APITECH-SF0864BA02510S Datasheet
149Kb / 3P
   864 MHz SAW Filter 12 MHz Bandwidth
SF0864BA02511S APITECH-SF0864BA02511S Datasheet
110Kb / 3P
   864 MHz SAW Filter 3 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0864BA02511S SPECTRUM-SF0864BA02511S Datasheet
110Kb / 3P
   864 MHz SAW Filter 3 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0287A TAI-SAW-TA0287A Datasheet
441Kb / 5P
   SAW Filter 864 MHz SMD 3.8횞3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com