전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1635A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1635A
상세설명  SAW Filter 427.5 MHz 15MHz BW SMD 3.8횞3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1635A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1635A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1635A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1635A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1635A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1635A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1635A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1635A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Passband response: (span 40MHz)
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D, F


유사한 부품 번호 - TA1635A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1635A GOLLEDGE-TA1635A Datasheet
202Kb / 6P
   SAW Filter 427.50MHz
More results

유사한 설명 - TA1635A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1421A TAI-SAW-TA1421A Datasheet
338Kb / 7P
   SAW Filter 452.5 MHz SMD 3.8횞3.8mm (BW=4.8MHz)
TA1636A TAI-SAW-TA1636A Datasheet
236Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TA2300A TAI-SAW-TA2300A Datasheet
640Kb / 7P
   SAW Filter 427.5 MHz BW 5MHz SMD 3.0X3.0 mm
TA1676A TAI-SAW-TA1676A Datasheet
240Kb / 7P
   SAW Filter 445 MHz 20MHz BW SMD 3.8횞3.8mm
TA1675A TAI-SAW-TA1675A Datasheet
383Kb / 7P
   SAW Filter 428 MHz 20MHz BW SMD 3.8횞3.8mm
TA1636B TAI-SAW-TA1636B Datasheet
248Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TA1634A TAI-SAW-TA1634A Datasheet
261Kb / 7P
   SAW Filter 443 MHz 20MHz BW SMD 3.8횞3.8mm
TA2667B TAI-SAW-TA2667B Datasheet
495Kb / 11P
   SAW Filter 2017.5 MHz SMD 1109(BW=15MHz)
TA2667A TAI-SAW-TA2667A Datasheet
495Kb / 11P
   SAW Filter 2017.5 MHz SMD 1109(BW=15MHz)
TA1557A TAI-SAW-TA1557A Datasheet
224Kb / 7P
   SAW Filter 770MHz(BW 12MHz) SMD 3.8횞3.8mm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com