전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1656A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1656A
상세설명  SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1656A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1656A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1656A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description : SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
TST Part No.: TA1656A
Customer Part No.:
Checked by:
Andy Yu
Approved by:
Bob Chau
Date:
2014, 02, 05
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


유사한 부품 번호 - TA1656A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1656A GOLLEDGE-TA1656A Datasheet
281Kb / 6P
   SAW Filter 847.0MHz
More results

유사한 설명 - TA1656A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1655A TAI-SAW-TA1655A Datasheet
346Kb / 8P
   SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
TA1255A TAI-SAW-TA1255A Datasheet
172Kb / 8P
   SAW Filter 2185MHz SMD 1.4X1.1 mm (BW=30MHz)
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2413A TAI-SAW-TA2413A Datasheet
815Kb / 9P
   SAW Tx Filter 733 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2474A TAI-SAW-TA2474A Datasheet
448Kb / 8P
   SAW Filter 788 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2042A TAI-SAW-TA2042A Datasheet
508Kb / 9P
   SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA0714A TAI-SAW-TA0714A Datasheet
159Kb / 7P
   SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com