전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1683A 데이터시트(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1683A
상세설명  SAW Filter 2530 MHz 20MHz BW SMD 3.0x3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1683A 데이터시트(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1683A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
2. TAPE DIMENSION
H. RECOMMENDED REFLOW PROFILE :


유사한 부품 번호 - TA1683A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1683A GOLLEDGE-TA1683A Datasheet
309Kb / 6P
   SAW Filter 2530.0MHz
More results

유사한 설명 - TA1683A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1684B TAI-SAW-TA1684B Datasheet
966Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TA1684A TAI-SAW-TA1684A Datasheet
368Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TA1413C TAI-SAW-TA1413C Datasheet
407Kb / 7P
   SAW Filter 1128 MHz SMD 3.0X3.0 mm(BW=34 MHz)
TA2033BA3110 TAI-SAW-TA2033BA3110 Datasheet
745Kb / 7P
   SAW Filter 1505 MHz BW 26 MHz SMD 3.0X3.0 mm
TA0676B TAI-SAW-TA0676B Datasheet
137Kb / 7P
   SAW Filter 1592.5 MHz 43MHz BW SMD 3.0X3.0 mm
TA0638C TAI-SAW-TA0638C Datasheet
599Kb / 7P
   SAW Filter 1590 MHz SMD 3.0X3.0 mm(BW=59MHz)
TA2617A TAI-SAW-TA2617A Datasheet
545Kb / 8P
   SAW Filter 1133 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA1464B TAI-SAW-TA1464B Datasheet
392Kb / 8P
   SAW Filter 1575.42 MHz SMD 3.0X3.0 mm(BW=2MHz)
TA2661A TAI-SAW-TA2661A Datasheet
348Kb / 7P
   SAW Filter 1045 MHz SMD 3.0X3.0 mm(BW=10MHz)
TE0142A TAI-SAW-TE0142A Datasheet
696Kb / 6P
   SAW Filter 1583 MHz SMD 3.0X3.0 mm (BW 48 MHz)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com