전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1420 데이터시트(PDF) 3 Page - Linear Technology

부품명 LTC1420
상세설명  12-Bit, 10Msps, Sampling ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1420 데이터시트(HTML) 3 Page - Linear Technology

  LTC1420 Datasheet HTML 1Page - Linear Technology LTC1420 Datasheet HTML 2Page - Linear Technology LTC1420 Datasheet HTML 3Page - Linear Technology LTC1420 Datasheet HTML 4Page - Linear Technology LTC1420 Datasheet HTML 5Page - Linear Technology LTC1420 Datasheet HTML 6Page - Linear Technology LTC1420 Datasheet HTML 7Page - Linear Technology LTC1420 Datasheet HTML 8Page - Linear Technology LTC1420 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1420
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
2.475
2.50
2.525
V
VCM Output Tempco
IOUT = 0
±15
ppm/
°C
VCM Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.6
mV/V
– 5.25V
≤ VSS ≤ –4.75V
0.03
mV/V
VCM Output Resistance
0.1mA
IOUT≤ 0.1mA
8
VREF Output Voltage
SENSE = GND, IOUT = 0
4.096
V
SENSE = VREF, IOUT = 0
2.048
V
SENSE = VDD
Drive VREF with
V
External Reference
VREF Output Tempco
±15
ppm/
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
1MHz Input Signal
q
68.5
71.4
dB
5MHz Input Signal
q
68
71.0
dB
THD
Total Harmonic Distortion
1MHz Input Signal, First 5 Harmonics
q
–84
– 77
dB
5MHz Input Signal, First 5 Harmonics
q
–81
– 73
dB
SFDR
Peak Harmonic or Spurious Noise
1MHz Input Signal
q
– 85
– 78.5
dB
5MHz Input Signal
q
–83
– 75
dB
IMD
Intermodulation Distortion
fIN1 = 29.37kHz, fIN2 = 32.446kHz
– 80
dB
Full-Power Bandwidth
100
MHz
Input Referred Noise
±2.048V Input Range
0.22
LSBRMS
±1.024V Input Range, 2x Mode (SENSE = GAIN = 0V)
0.33
LSBRMS
Overvoltage Recovery Time
1.5x FS Input to 0 (Settling to 1LSB)
15
ns
Full-Scale Step Acquisition Time
Settling to 1LSB
15
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V, VSS = 0V
q
2.4
V
VDD = 5.25V, VSS = – 5V
q
3.5
V
VIL
Low Level Input Voltage
VDD = 4.75V, VSS = 0V
q
0.8
V
VDD = 4.75V, VSS = – 5V
q
1V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
1.8
pF
VOH
High Level Output Voltage
0VDD = 4.75V, IO = –10µA
4.74
V
0VDD = 4.75V, IO = –200µA
q
4.0
4.71
V
0VDD = 2.7V, IO = –10µA
2.6
V
0VDD = 2.7V, IO = –200µA
q
2.3
V
VOL
Low Level Output Voltage
0VDD = 4.75V, IO = 160µA
0.05
V
0VDD = 4.75V, IO = 1.6mA
q
0.10
0.4
V
0VDD = 2.7V, IO = 160µA
0.05
V
0VDD = 2.7V, IO = 1.6mA
q
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = VDD
35
mA
The q denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single
supply operation. (Note 5)
TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VDD = 5V, VSS = –5V, fSAMPLE = 10MHz, VREF = 4.096V. + AIN = – 0.1dBFS single ended input,
–AIN = 0V. (Note 6)
DY A IC ACCURACY
INTERNAL REFERENCE CHARACTERISTICS
DIGITAL I PUTS A D DIGITAL OUTPUTS


유사한 부품 번호 - LTC1420

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1420 LINER-LTC1420 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1420 LINER-LTC1420 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
   12-Bit, 10Msps, Sampling ADC
More results

유사한 설명 - LTC1420

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
   12-Bit, 10Msps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
logo
Linear Technology
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
MAX1426 MAXIM-MAX1426_11 Datasheet
435Kb / 16P
   10-Bit, 10Msps ADC
Rev 1; 7/11
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
   12-Bit, 5Msps, Sampling ADC
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
   12-Bit, 5Msps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com