전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7489DP 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI7489DP
상세설명  P-Channel 100-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7489DP 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI7489DP_15 Datasheet HTML 1Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7489DP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 73436
S09-0271-Rev. C, 16-Feb-09
www.vishay.com
5
Vishay Siliconix
Si7489DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
Single Pulse Avalanche Capability
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
100
0.000001
0.0001
0.01
1
10
0.00001
TA - Time In Avalanche (s)
T
A =
L· I
A
BV - V
DD
0.001
Power Derating
0
20
40
60
80
100
25
50
75
100
125
150
TC - Case Temperature (°C)


유사한 부품 번호 - SI7489DP_15

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7489DP VISHAY-SI7489DP_13 Datasheet
155Kb / 9P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
More results

유사한 설명 - SI7489DP_15

제조업체부품명데이터시트상세설명
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com