전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIHG21N60EF 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SIHG21N60EF
상세설명  EF Series Power MOSFET with Fast Body Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG21N60EF 데이터시트(HTML) 6 Page - Vishay Siliconix

  SIHG21N60EF Datasheet HTML 1Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 2Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 3Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 4Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 5Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 6Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 7Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 8Page - Vishay Siliconix SIHG21N60EF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SiHG21N60EF
www.vishay.com
Vishay Siliconix
S15-0398-Rev. A, 02-Mar-15
6
Document Number: 91594
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?91594.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
V
GS = 10 V
a
I
SD
Driver gate drive
D.U.T. l
SD waveform
D.U.T. V
DS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
Peak Diode Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R
g
• Driver same type as D.U.T.
• I
SD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. V
GS = 5 V for logic level devices
V
DD


유사한 부품 번호 - SIHG21N60EF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
SIHG21N60EF ISC-SIHG21N60EF Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHG21N60EF-GE3 VISHAY-SIHG21N60EF-GE3 Datasheet
215Kb / 10P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG21N60EF VISHAY-SIHG21N60EF_V01 Datasheet
215Kb / 10P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

유사한 설명 - SIHG21N60EF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIHG70N60EF VISHAY-SIHG70N60EF Datasheet
203Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHP28N60EF VISHAY-SIHP28N60EF Datasheet
293Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHW47N60EF VISHAY-SIHW47N60EF Datasheet
172Kb / 7P
   EF Series Power MOSFET with Fast Body Diode
Rev. F, 27-Feb-17
SIHB33N60EF VISHAY-SIHB33N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB055N60EF VISHAY-SIHB055N60EF Datasheet
196Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA21N80AEF VISHAY-SIHA21N80AEF Datasheet
157Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA105N60EF VISHAY-SIHA105N60EF Datasheet
166Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHB21N60EF VISHAY-SIHB21N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB35N60EF VISHAY-SIHB35N60EF Datasheet
192Kb / 10P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP33N60EF VISHAY-SIHP33N60EF_V01 Datasheet
295Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB068N60EF VISHAY-SIHB068N60EF Datasheet
207Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com