전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148WQ-13-F 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 1N4148WQ-13-F
상세설명  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4148WQ-13-F 데이터시트(HTML) 1 Page - Diodes Incorporated

  1N4148WQ-13-F Datasheet HTML 1Page - Diodes Incorporated 1N4148WQ-13-F Datasheet HTML 2Page - Diodes Incorporated 1N4148WQ-13-F Datasheet HTML 3Page - Diodes Incorporated 1N4148WQ-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV16W/1N4148W
Document number: DS30086 Rev. 26 - 2
1 of 4
www.diodes.com
May 2015
© Diodes Incorporated
BAV16W/1N4148W
SURFACE MOUNT FAST SWITCHING DIODE
Features
Fast Switching Speed
Low Forward Voltage: Maximum of 0.715V at 1mA
Fast Reverse Recovery: Maximum of 4ns
Low Capacitance: Maximum of 2pF
Surface Mount Package Ideally Suited for Automated Insertion
For General Purpose Switching Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD123
Case Material: Mold
ed Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe;
(Lead-Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.01 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAV16W-7-F
Standard
SOD123
3,000/Tape & Reel
1N4148W-7-F
Standard
SOD123
3,000/Tape & Reel
1N4148WQ-7-F
Automotive
SOD123
3,000/Tape & Reel
1N4148W-13-F
Standard
SOD123
10,000/Tape & Reel
1N4148WQ-13-F
Automotive
SOD123
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2001
2002
2003
…..
2012
2013
2014
2015
2016
2017
2018
2019
2020
Code
M
N
P
…..
Z
A
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
Top View
SOD123
xx = Product Type Marking Code (T4)
YM = Date Code Marking
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
SOD123


유사한 부품 번호 - 1N4148WQ-13-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N4148WQ-13-F DIODES-1N4148WQ-13-F Datasheet
340Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

유사한 설명 - 1N4148WQ-13-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com