전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2938 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 TS2938
상세설명  500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2938 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS2938
Taiwan Semiconductor
Document Number: DS_P0000209
5
Version: G15
APPLICATION INFORMATION (CONTINUED)
Minimum Load Current
The TS2938 series is specified between finite loads. If the output current is too small leakage currents dominate
and the output voltage rises. A 5mA minimum load current is necessary for proper regulation.
Input Capacitor
An input capacitor of 1µF or greater is recommended when the device is more that 4 inches away from the bulk
AC supply capacitance or when the supply is a battery. Small and surface mount ceramic chip capacitors can be
used for bypassing. Larger values will help to improve ripple rejection by bypassing the input to the regulator,
further improving the integrity of the output voltage.
Thermal Characteristics
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible operating conditions, the junction temperature must be within the range
specified under absolute maximum ratings. To determine if the heatsink is required, the power dissipated by the
regulator, PD must be calculated.
The below formula shows the voltages and currents for calculating the PD in the regulator:
IIN = IL / IG
PD = (VIN-VOUT) * IL + (VIN) * IG
Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA
= 400mW + 36mW
= 436mW
The next parameter which must be calculated the maximum allowable temperature rise.
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction temperature, which is 125
oC for commercial grade parts.
TA(max) is the maximum ambient temperature which will be encountered in the application.
Using the calculated values for TA(max) and PD, the maximum allowable value for the junction to ambient thermal
resistance, θJA, can now be found:
θ
JA = TR(max) / PD
Inhibit Input
TS2938 feature an active-low (Inhibit) input that allows ON/OFF control of the regulator. The Inhibit input has
TTL/CMOS compatible thresholds for simple interfacing with logic interfacing. Inhibit should be directly tied to
Ground or keep open (not connected).


유사한 부품 번호 - TS2938

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938 TSC-TS2938 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938ACP5 TSC-TS2938ACP5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP52.5 TSC-TS2938ACP52.5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP525 TSC-TS2938ACP525 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
More results

유사한 설명 - TS2938

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com