전자부품 데이터시트 검색엔진 |
|
TS5213 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
TS5213 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 8 page TS5213 Taiwan Semiconductor Document Number: DS_P0000201 4 Version: G15 ORDERING INFORMATION OUTPUT VOLTAGE PART NO. PACKAGE PACKING 3.3V TS5213CX533 RFG SOT-25 3,000pcs / 7” Reel 5V TS5213CX550 RFG SOT-25 3,000pcs / 7” Reel Note: 1. Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC. 2. Halogen-free according to IEC 61249-2-21 definition. BLOCK DIAGRAMS APPLICATION INFORMATION Enable Input TS5213 series feature an active-high (>2V) enable (EN) input that allows ON/OFF control of the regulator. Current drain reduces to “zero” when the device is shutdown, with only micro-amperes of leakage current. The EN is compatible with CMOS logic interfacing. EN may be directly tied to VIH and pulled up to the maximum supply voltage. Input Capacitor Requirement An input capacitor of 0.17μF or greater is recommended when the device is more than 10” away from the bulk AC supply capacitance or when the supply is a battery. Output Capacitor Requirement The TS5213 series requires an output capacitor to maintain stability and improve transient response is necessary. The TS5213 is ultra-stable, requiring only 0.47uF of output capacitance for stability. It is stable with all type of capacitors, including the tiny, low-ESR ceramic chip capacitors. The output capacitor value may be increased without limit. No Load Stability The TS5213 series will remain stable and in regulation with no load, unlike many other voltage regulators. This is especially important in CMOS RAM keep alive applications. |
유사한 부품 번호 - TS5213_15 |
|
유사한 설명 - TS5213_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |