전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9015 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS9015
상세설명  300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9015 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9015 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9015
300mA CMOS LDO
0.9V Adjustable Voltage with Enable Function
3/5
Version: D08
Detailed Description
The TS9015 of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current
protection and thermal shutdown. During normal operation, the error amplifier compares the output voltage to a
precision reference. Over-current and Thermal shutdown circuits become active when the junction temperature
exceeds 150
o
C, or the current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 100
o
C. The TS9015 switches from voltage mode
to current mode when the load exceeds the rated output current.
External Capacitors
The TS9015 is stable with an output capacitor to ground of 2.2uF or greater. Ceramic capacitors have the lowest
ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR,
resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are comparatively expensive.
One option is to parallel a 0.1uF ceramic capacitor with a 10uF Aluminum Electrolytic. The benefit is low ESR, high
capacitance, and low overall cost. A second capacitor is recommended between the input and ground to stabilize
VIN. The input capacitor should be at least 0.1uF to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This can be
achieved with a "Star" connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all internal
circuits are powered down. In this state, the quiescent current is less than 1mA. This pin behaves much like an
electronic switch.


유사한 부품 번호 - TS9015

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015CX5RF TSC-TS9015CX5RF Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results

유사한 설명 - TS9015

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com