전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13002HVCTA3G 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS13002HVCTA3G
상세설명  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13002HVCTA3G 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13002HVCTA3G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13002HVCTA3G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13002HVCTA3G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13002HVCTA3G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13002HVCTA3G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13002HVCTA3G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS13002HV
High Voltage NPN Transistor
1/6
Version: A14
TO-92
PRODUCT SUMMARY
BVCEO
450V
BVCBO
900V
IC
0.8A
VCE(SAT)
0.6V @ IC=0.2A, IB=0.04A
Features
High Voltage
High Speed Switching
Block Diagram
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TS13002HVCT B0G
TO-92
1kpcs / Bulk
TS13002HVCT A3G
TO-92
2kpcs / Ammo
Note: “G” denote for Halogen Free Product
Absolute Maximum Ratings (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
900
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
0.8
A
Pulse
1.6
Maximum Power Dissipation @ TC = 25
oC
Ptot
0.8
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Ambient Thermal Resistance
JA
125
oC/W
Pin Definition:
1. Emitter
2. Collector
3. Base


유사한 부품 번호 - TS13002HVCTA3G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS13002 TSC-TS13002 Datasheet
34Kb / 2P
   High Voltage NPN Transistor
TS13002 TSC-TS13002 Datasheet
281Kb / 5P
   High Voltage NPN Transistor
TS13002A TSC-TS13002A Datasheet
144Kb / 2P
   High Voltage NPN Transistor
TS13002A TSC-TS13002A Datasheet
281Kb / 5P
   High Voltage NPN Transistor
TS13002ACT TSC-TS13002ACT Datasheet
281Kb / 5P
   High Voltage NPN Transistor
More results

유사한 설명 - TS13002HVCTA3G

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com